Part Number Hot Search : 
PNP3638A 2SK2903 AN7715SP 78LR05 KA7924 SGABMDB MT8880CP P0RB0
Product Description
Full Text Search
 

To Download AS5SS128K36DQ-12XT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRAM
Austin Semiconductor, Inc. 128K x 36 SSRAM
SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT
FEATURES
* High frequency and 100% bus utilization * Fast cycle times: 11ns & 12ns * Single +3.3V +5% power supply (VDD) * Advanced control logic for minimum control signal interface * Individual BYTE WRITE controls may be tied LOW * Single R/W\ (READ/WRITE) control pin * CKE\ pin to enable clock and suspend operations * Three chip enables for simple depth expansion * Clock-controlled and registered addresses, data I/Os and control signals * Internally self-timed, fully coherent WRITE * Internally self-timed, registered outputs to eliminate the need to control OE\ * SNOOZE MODE for reduced-power standby * Common data inputs and data outputs * Linear or Interleaved Burst Modes * Burst feature (optional) * Pin/function compatibility with 2Mb, 8Mb, and 16Mb ZBL SRAM * Automatic power-down
AS5SS128K36
GENERAL DESCRIPTION
The Austin Semiconductor, Inc. Zero Bus Latency SRAM family employs high-speed, low-power CMOS designs using an advanced CMOS process. ASI's 4Mb ZBL SRAMs integrate a 128K x 36 SRAM core with advanced synchronous peripheral circuitry and a 2-bit burst counter. These SRAMS are optimized for 100 percent bus utilization, eliminating any turnaround cycles for READ to WRITE, or WRITE to READ, transitions. All synchronous inputs pass through registers controlled by a positive-edge-triggered single clock input (CLK). The synchronous inputs include all addresses, all data inputs, chip enable (CE\), two additional chip enables for easy depth expansion (CE2, CE2\), cycle start input (ADV/LD\), synchronous clock enable (CKE\), byte write enables (BWa\, BWb\, BWc\, and BWd\) and read/write (R/ W\). Asynchronous inputs include the output enable (OE\, which may be tied LOW for control signal minimization), clock (CLK) and snooze enable (ZZ, which may be tied LOW if unused). There is also a burst mode pin (MODE) that selects between interleaved and linear burst modes. MODE may be tied HIGH, LOW or left unconnected if burst is unused. The flow-through data-out (Q) is enabled by OE\. WRITE cycles can be from one to four bytes wide as controlled by the write control inputs. All READ, WRITE and DESELECT cycles are initiated by the ADV/LD\ input. Subsequent burst addresses can be internally generated as controlled by the burst advance pin (ADV/LD\). Use of burst mode is optional. It is allowable to give an address for each individual READ and WRITE cycle. BURST cycles wrap around after the fourth access from a base address. To allow for continuous, 100 percent use of the data bus, the flow-through ZBL SRAM uses a LATE WRITE cycle. For example, if a WRITE cycle begins in clock cycle one, the address is present on rising edge one. BYTE WRITEs need to be asserted on the same cycle as the address. The write data associated with the address is required one cycle later, or on the rising edge of clock cycle two. Address and write control are registered on-chip to simplify WRITE cycles. This allows self-timed WRITE cycles. Individual byte enables allow individual bytes to be written. During a BYTE WRITE cycle, BWa\ controls DQa pins; BWb\ controls DQb pins; BWc\ controls DQc pins; and BWd\ controls DQd pins. Cycle types can only be defined when an address is loaded, i.e., when ADV/LD\ is LOW. Parity/ECC bits are available on this device. Austin's 4Mb ZBL SRAMs operate from a +3.3V VDD power supply, and all inputs and outputs are LVTTL-compatible. The device is ideally suited for systems requiring high bandwidth and zero bus turnaround delays.
OPTIONS
* Timing (Access/Cycle/MHz) 8.5ns/11ns/90 MHz 9ns/12ns/83 MHz * Packages 100-pin TQFP * Operating Temperature Ranges Military (-55oC to +125oC) Industrial (-40oC to +85oC)
MARKING
-11 -12
DQ
No. 1001
XT IT
For more products and information please visit our web site at www.austinsemiconductor.com
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
SRAM
Austin Semiconductor, Inc.
PIN ASSIGNMENT (Top View) 100-pin TQFP (DQ)
SA SA CE\ CE2 BWd\ BWc\ BWb\ BWa\ CE2\ VDD VSS CLK R/W\ CKE\ OE\ (G\) ADV/LD\ NF NF SA SA
AS5SS128K36
DQc DQc DQc VDDQ VSS DQc DQc DQc DQc VSS VDDQ DQc DQc VSS VDD VDD VSS DQd DQd VDDQ VSS DQd DQd DQd DQd VSS VDDQ DQd DQd DQd
1 2 3 4 5 6 7 8 9 10 1 1 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
DQb DQb DQb VDDQ VSS DQb DQb DQb DQb VSS VDDQ DQb DQb VSS VSS VDD ZZ DQa DQa VDDQ VSS DQa DQa DQa DQa VSS VDDQ DQa DQa DQa
PIN DESCRIPTIONS
TQFP PINS
37 36 32-35, 44-50, 81, 82, 99, 100 93 94 95 96 87
SYMBOL
SA0 SA1 SA
TYPE
Input
MODE (LBO\) SA SA SA SA
BWa\ BWb\ BWc\ BWd\ CKE\
Input
Input
88
R/W\
Input
Synchronous Address Inputs: These inputs are registered and must meet the setup and hold times around the rising edge of CLK. Pins 83 and 84 are reserved as address bits for the higher-density 8Mb and 16Mb ZBL SRAMs, respectively. SA0 and SA1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired. Synchronous Byte Write Enables: These active LOW inputs allow individual bytes to be written when a WRITE cycle is active and must meet the setup and hold times around the rising edge of CLK. BYTE WRITEs need to be asserted on the same cycle as the address. BWa\ controls DQa pins; BWb\ controls DQb pins; BWc\ controls DQc pins; BWd\ controls DQd pins. Synchronous Clock Enable: This active LOW input permits CLK to propagate throughout the device. When CKE is HIGH, the device ignores the CLK input and effectively internally extends the previous CLK cycle. This input must meet setup and hold times around the rising edge of CLK. Read/Write: This input determines the cycle type when ADV/LD\ is LOW and is the only means for determining READs and WRITEs. READ cycles may not be converted into WRITEs (and vice versa) other than by loading a new address. A LOW on this pin permits BYTE WRITE operations and must meet the setup and hold times around the rising edge of CLK. Full bus-width WRITEs occur if all byte write enables are LOW.
AS5SS128K36 Rev. 2.0 12/00
SA1 SA0 DNU DNU VSS VDD DNU DNU SA SA SA SA SA SA SA
DESCRIPTION
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
SRAM
Austin Semiconductor, Inc.
PIN DESCRIPTIONS (continued)
TQFP PINS
64
AS5SS128K36
SYMBOL
ZZ
TYPE
Input
DESCRIPTION
Snooze Enable: This active HIGH, asynchronous input causes the device to enter a low-power standby mode in which all data in the memory array is retained. When ZZ is active, all other inputs are ignored. Clock: This signal registers the address, data, chip enables, byte write enables and burst control inputs on its rising edge. All synchronous inputs must meet setup and hold times around the clock's rising edge.
89
CLK
Input
98, 92
CE\, CE2\
97
CE2
86 85
OE\ (G\) ADV/LD\
31
MODE (LBO\) DQa DQb DQc DQd
(a) 51, 52, 53, 56-59, 62, 63 (b) 68, 69, 72-75, 78, 79, 80 (c)1, 2, 3, 6-9, 12, 13 (d) 18, 19, 22-25, 28, 29, 30 15, 16, 41, 65, 91 5, 10, 14, 17, 21, 26 40, 55, 60, 66, 67, 71 76, 90 4, 11, 20, 27, 54, 61 70, 77 38, 39, 42, 43, 83, 84 64
Synchronous Chip Enable: These active LOW inputs are used to enable the device and are sampled only when a new external address is loaded (ADV/LD\ LOW). CE2\ can be used for memory depth expansion. Input Synchronous Enable: This active HIGH input is used to enable the device and is sampled only when a new external address is loaded (ADV/LD\ LOW). This input can be used for memory depth expansion. Input Output Enable: This active LOW, asynchronous inputs enables the data I/O output drivers. G\ is the JEDEC-standard term for OE\. Input Synchronous Address Advance/Load: When HIGH, this input is used to advance the internal burst counter, controlling burst access after the external address is loaded. When ADV/LD\ is HIGH, R/W\ is ignored. A LOW on ADV/LD\ clocks a new address at the CLK rising edge. Input Mode: This inputs selects the burst sequence. A LOW on this pin selects linear burst. NC or HIGH on this pin selects interleaved burst. Do not alter input state while device is operating. LBO\ is the JEDEC-standard term for MODE. Input/Output SRAM Data I/Os: Byte "a" is DQa pins; Byte "b" is DQb pins; Byte "c" is DQc pins; Byte "d" is DQd pins. Input data must meet setup and hold times around the rising edge CLK.
Input
VDD Vss
Supply Ground
Power Supply: See DC Electrical Characteristics and Operating Conditions for range. Ground: GND
VDDQ NC
Supply ----------
Isolated Output Buffer Supply: See DC Electrical Characteristics and Operating Conditions for range. No Connect: These pins can be left floating or connected to GND to minimize thermal impedance.
38, 39, 42, 43 83, 84
DNU NF
Do Not Use: These signals may with be unconnected or wired to GND to minimize thermal impedance. No Function: These pins are internally connected to the die and will have the capacitance of an input pin. It is allowable to leave these pins unconnected or driven by signals. Pins 83 and 84 are reserved for address expansion.
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
SRAM
Austin Semiconductor, Inc.
AS5SS128K36
INTERLEAVED BURST ADDRESS TABLE (MODE = NC OR HIGH)
First Address (external) X...X00 X...X01 X...X10 X...X11 Second Address Third Address Fourth Address (internal) (internal) (internal) X...X01 X...X10 X...X11 X...X00 X...X11 X...X10 X...X11 X...X00 X...X01 X...X10 X...X01 X...X00
LINEAR BURST ADDRESS TABLE (MODE = LOW)
First Address (external) X...X00 X...X01 X...X10 X...X11 Second Address Third Address Fourth Address (internal) (internal) (internal) X...X01 X...X10 X...X11 X...X10 X...X11 X...X00 X...X11 X...X00 X...X01 X...X00 X...X01 X...X10
PARTIAL TRUTH TABLE FOR READ/WRITE COMMANDS*
FUNCTION READ Write Abort/NOP Write Byte a (DQa, DQPa) Write Byte b (DQb, DQPb) Write Byte c (DQc, DQPc)
2 2
R/W\ H L L L L L L
BWa\ X H L H H H L
BWb\ X H H L H H L
BWc\ X H H H L H L
BWd\ X H H H H L L
2 2
Write Byte d (DQd, DQPd) Write all bytes
* NOTE: Using R/W\ and byte write(s), any one or more bytes may be written.
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
SRAM
Austin Semiconductor, Inc.
AS5SS128K36
FUNCTIONAL BLOCK DIAGRAM
17 SA0, SA1, SA ADDRESS REGISTER
17 SA1 D1 SA0 D0
ADV/LD\
15 SA1' Q1 SA0' Q0 BURST LOGIC 17 17
17
MODE CLK CKE\ K CE
K
WRITE ADDRESS REGISTER
ADV/LD\ BWa\ BWb\ BWc\ BWd\ R/W\
128K X 9 X 4 WRITE REGISTRY AND DATA COHERENCY CONTROL LOGIC WRITE DRIVERS MEMORY ARRAY
S E N S E A M P S
D A T A S T E E R I N G
O U T P U T B U F F E R S E DQs
OE\ CE\ CE2 CE2\
READ LOGIC
INPUT E REGISTER
NOTE: The Functional Block Diagram illustrates simplified device operation. See Truth Table, pin descriptions and timing diagrams for detailed information.
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
SRAM
Austin Semiconductor, Inc.
AS5SS128K36
STATE DIAGRAM FOR ZBL SRAM
DS DS DESELECT
TE RI W RE AD
BURST DS
DS
DS
WRITE
READ
BEGIN READ READ READ BURST
AD RE W RI TE
BEGIN WRITE
WRITE
BURST
WRITE
BURST
BURST READ
BURST WRITE
BURST
KEY:
COMMAND ACTION DS DESELECT READ New READ WRITE New WRITE BURST BURST READ, BURST WRITE or CONTINUE DESELECT
NOTE: 1. A STALL or IGNORE CLOCK EDGE cycle is not shown in the above diagram. This is because CKE\ HIGH only blocks the clock (CLK) input and does not change the state of the device. 2. States change on the rising edge of the clock (CLK).
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
SRAM
Austin Semiconductor, Inc.
TRUTH TABLE
OPERATION
(5-10)
AS5SS128K36
ADDRESS CE\ CE2\ CE2 USED DESELECT CYCLE None H X X DESELECT CYCLE None X H X DESELECT CYCLE None X X L CONTINUE DESELECT CYCLE None X X X READ CYCLE External L L H (Begin Burst) READ CYCLE Next X X X (Continue Burst) NOP/DUMMY READ External L L H (Begin Burst) DUMMY READ Next X X X (Continue Burst) WRITE CYCLE External L L H (Begin Burst) WRITE CYCLE Next X X X (Continue Burst) NOP/WRITE ABORT None L L H (Begin Burst) WRITE ABORT Next X X X (Continue Burst) IGNORE CLOCK EDGE Current X X X (Stall) SNOOZE MODE None X X X
ZZ ADV/LD\ R/W\ BWx OE\ CKE\ L L L L L L L L L L L L L H L L L H L H L H L H L H X X X X X X H X H X L X L X X X X X X X X X X X L L H H X X X X X X L L H H X X X X X X L L L L L L L L L L L L H X
CLK L L L L L L L L L L L L L X H H H H H H H H H H H H H
DQ High-Z High-Z High-Z High-Z Q Q High-Z
NOTES
1
1, 11 2
High-Z 1, 2, 11 D D High-Z High-Z --High-Z 3 1, 3, 11 2, 3 1, 2, 3, 11 4
NOTE: 1. CONTINUE BURST cycles, whether READ or WRITE, use the same control inputs. The type of cycle performed (READ or WRITE) is chosen in the initial BEGIN BURST cycle. A CONTINUE DESELECT cycle can only be entered if a DESELECT cycle is first executed. 2. DUMMY READ and WRITE ABORT cycles can be considered NOPs because the device performs no external operation. A WRITE ABORT means a WRITE command is given, but no operation is performed. 3. OE\ may be wired LOW to minimize the number of control signals to the SRAM. The device will automatically turn off the output drivers during a WRITE cycle. OE\ may be used when the bus turn-on and turn-off times do not meet an applications requirements. 4. If an IGNORE CLOCK EDGE command occurs during a READ operation, the DQ bus will remain active (Low-Z). If it occurs during a WRITE cycle, the bus will remain in High-Z. No WRITE operations will be performed during the IGNORE CLOCK EDGE cycle. 5. X means "Don't Care." H means logic HIGH. L means logic LOW. BWx = H means all byte write signals (BWa\, BWb\, BWc\, BWd\) are HIGH. BWx = L means all byte write signals are LOW. 6. BWa\ enables WRITES to Byte "a" (DQa pins); BWb\ enables WRITES to Byte "b" (DQb pins); BWc\ enables WRITES to Byte "c" (DQc pins); BWd\ enables WRITES to Byte "d" (DQd pins). 7. All inputs except OE\ and ZZ must meet setup and hold times around the rising edge (LOW to HIGH) of CLK. 8. Wait states are inserted by setting CKE\ HIGH. 9. This device contains circuitry that will ensure that the outputs will be in the High-Z during power-up. 10. The device incorporates a 2-bit burst counter. Address wraps to the initial address every fourth BURST cycle. 11. The address counter is incremented for all CONTINUE BURST cycles.
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
SRAM
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD Supply Relative to VSS.................-0.5V to +4.6V Voltage on VDDQ Supply Relative to VSS.................-0.5V to VDD VIN.................................................................. -0.5V to VDDQ +0.5V Storage Temperature (Plastics) ..........................-55C to +150C Short Circuit Output Current .............................................100mA Max. Junction Temperature*.............................................+150C
AS5SS128K36
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. **Junction Temperature depends upon package type, cycle time, loading, ambient temperture and airflow.
DC ELECTRICAL CHARACTERISTICS AND RECOMMENDED OPERATING CONDITIONS (-55oC < TA < +125oC; VDD, VDDQ = +3.3V +0.165V unless otherwise noted)
DESCRIPTION Input High (Logic 1) Voltage Input High (Logic 1) Voltage Input Low (Logic 0) Voltage Input Leakage Current Output Leakage Current Output High Voltage Output Low Voltage Supply Voltage Isolated Output Buffer Supply 0V < VIN < VDD Output(s) Disabled, 0V < VIN < VDD IOH = -4.0mA IOL = 8.0mA DQ Pins CONDITIONS SYMBOL VIH VIH VIL ILI ILO VOH VOL VDD VDDQ MIN 2.0 2.0 -0.3 -1.0 -1.0 2.4 --3.135 3.135 MAX VDD + 0.3 VDD + 0.3 0.8 1.0 1.0 --0.4 3.465 VDD UNITS V V V A A V V V V 1, 4 1, 4 1 1, 5 NOTES 1, 2 1, 2 1, 2 3
CAPACITANCE
DESCRIPTION Control Input Capacitance Input/Output Capacitance (DQ) Address Capacitance Clock Capacitance TA = 25oC; f = 1 MHz VDD = 3.3V CONDITIONS SYMBOL CI CO CA CCK TYP 3 4 3 3 MAX 4 5 3.5 3.5 UNITS pF pF pF pF NOTES 6 6 6 6
NOTE: 1. All voltages referenced to VSS (GND). 2. Overshoot: VIH < +4.6V for t < tKHKH /2 for I < 20mA. Undershoot: VIL < -0.7V for t < tKHKH /2 for I < 20mA. Power-up: VIH < +3.465V and VDD < 3.135V for t < 200ms. 3. MODE pin has an internal pull-up, and input leakage = + 10A. 4. The load used for VOH, VOL testing is shown in Figure 2. AC load current is higher than the shown DC values. AC I/O curvers are available upon request. 5. VDDQ should never exceed VDD. VDD and VDDQ should be externally wired together to the same power supply. 6. This parameter is sampled.
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
SRAM
Austin Semiconductor, Inc.
AS5SS128K36
IDD OPERATING CONDITIONS AND MAXIMUM LIMITS (-55oC < TA < +125oC; VDD, VDDQ = +3.3V +0.165V unless otherwise noted)
DESCRIPTION Power Supply Current: Operating CONDITIONS Device selected; All inputs < VIL or > VIH; Cycle time > tKC (MIN) VDD = MAX; Outputs open Device selected; VDD = MAX; Power Supply Current: Idle CKE\ > VIH; All inputs < VSS + 0.2 or > VDD -0.2; Cycle time > tKC (MIN) Device selected; VDD = MAX; CMOS Standby All inputs < VSS + 0.2 or > VDD -0.2; All inputs static; CLK frequency = 0 Device selected; VDD = MAX; TTL Standby All inputs < VIL or > VIH; All inputs static; CLK frequency = 0 Device selected; VDD = MAX; ADV/LD\ > VIH; All inputs < VSS + 0.2 or > VDD - 0.2; Cycle time > tKC (MIN) Snooze Mode ZZ > VIH ISB2Z 10 10 mA 2 ISB3 25 25 mA 2 ISB2 10 10 mA 2 IDD1 22 20 mA 1, 2 IDD 275 250 mA 1, 2 SYM MAX -11 -12 UNITS NOTES
Clock Running
ISB4
65
60
mA
2
THERMAL RESISTANCE
DESCRIPTION Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Top of Case) CONDITIONS Test conditions follow standard test methods and procedures for measuring thermal impedance, per EIA/JESD51 SYM JA JC TYP 46 2.8 UNITS
o
NOTES 3 3
C/W C/W
o
NOTE: 1. IDD is specified with no output current and increases with faster cycle times. IDDQ increases with faster cycle times and greater output loading. 2. "Device deselected" means device is in a deselected cycle as defined in the truth table. "Device selected" means device is active (not in deselected mode). 3. This parameter is sampled.
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
SRAM
Austin Semiconductor, Inc.
AC ELECTRICAL CHARACTERISTICS 6, 8, 9 (-55oC < TA < +125oC; VDD, VDDQ = +3.3V +0.165V) -11 SYM MIN MAX DESCRIPTION
CLOCK Clock cycle time Clock frequency Clock HIGH time Clock LOW time OUTPUT TIMES Clock to output valid Clock to output invalid Clock to output in Low-Z Clock to output in High-Z OE\ to output valid OE\ to output in Low-Z OE\ to output in High-Z SETUP TIMES Address Clock enable (CKE\) Control signals Data-in HOLD TIMES Address Clock enable (CKE\) Control signals Data-in tKHAX tKHEX tKHCX tKHDX 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 ns ns ns ns 7 7 7 7 tAVKH tEVKH tCVKH tDVKH 2.2 2.2 2.2 2.2 2.5 2.5 2.5 2.5 ns ns ns ns 7 7 7 7 tKHQV tKHQX tKHQX1 tKHQZ tGLQV tGLQX tGHQZ 0 5.0 3.0 3.0 5.0 5.0 0 5.0 8.5 3.0 3.0 5.0 5.0 9.0 ns ns ns ns ns ns ns 2 2, 3, 4, 5 2, 3, 4, 5 6 2, 3, 4, 5 2, 3, 4, 5 tKHKH tKF tKHKL tKLKH 3.0 3.0 11 90 3.0 3.0 12 83 ns MHz ns ns 1 1
AS5SS128K36
-12 MIN MAX UNITS NOTES
NOTE: 1. Measured as HIGH above VIH and LOW below VIL. 2. Contact ASI for more information on these parameters. 3. This parameter is sampled. 4. This parameter is measured with the output loading shown in Figure 2. 5. Transistion is measured +200mV from steady state voltage. 6. OE\ can be considerted a "Don't Care" during WRITEs; however, controlling OE\ can help fine-tune a system for ZBL timing. 7. This is a synchrnous device. All addresses must meet the specified setup and hold times for all rising edgges o CLK when they are being registered into the device. All other synchronous inputs must meet the setup and hold times with stable logic levels for all rising edges of clock (CLK) when the chip is enabled. Chip enable must be valid at each rising edge of CLK when ADV/LD\ is LOW to remain enabled. 8. Test conditions as specified with the output loading shown in Figure 1, unless otherwise noted. 9. A WRITE cycle is defined by R/W\ LOW having been registered into the device at ADV/LD\ LOW. A READ cycle is defined by R/W\ HIGH with ADV/LD\ LOW. Both cases must meet setup and hold times.
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
SRAM
Austin Semiconductor, Inc.
AC TEST CONDITIONS
Input pulse levels Input slew rate Input timing reference levels Output reference levels Output load Vss to 3.3V 1 ns 1.5V 1.5V See Figures 1 and 2
AS5SS128K36
OUTPUT LOADS
3.3v 317 Z0=50 50 Q 351 5 pF
Q
VT = 1.5V
Fig. 1 OUTPUT LOAD EQUIVALENT
Fig. 2 OUTPUT LOAD EQUIVALENT
LOAD DERATING CURVES The ASI 128K x 36 ZBL SRAM timing is dependent upon the capacitive loading on the outputs. Consult the factory for copies of I/O current versus voltage curves.
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
SRAM
Austin Semiconductor, Inc.
SNOOZE MODE
SNOOZE MODE is a low-current, "power-down" mode in which the device is deselected and current is reduced to ISB2Z. The duration of SNOOZE MODE is dictated by the length of time the ZZ pin is in a HIGH state. After the device enters SNOOZE MODE, all inputs except ZZ become disabled and all outputs go to High-Z. The ZZ pin is an asynchronous, active HIGH input that causes the device to enter SNOOZE MODE. When the ZZ pin
AS5SS128K36
becomes a logic HIGH, ISB2Z is guaranteed after the time tZZI is met. Any READ or WRITE operation pending when the device enters SNOOZE MODE is not guaranteed to complete sucessfully. Therefore, SNOOZE MODE must not be initiated until valid pending operations are completed. Similarly, when exiting SNOOZE MODE during tRZZ, only a DESELECT or READ cycle should be given.
SNOOZE MODE ELECTRICAL CHARACTERISTICS
DESCRIPTION Current during SNOOZE MODE ZZ active to input ignored ZZ inactive to input sampled ZZ active to snooze current ZZ inactive to exit snooze current CONDITIONS ZZ > VIH SYM ISB2Z tZZ tRZZ tZZI tRZZI 0 0 0 MIN MAX 10 tKHKH tKHKH tKHKH UNITS NOTES mA ns ns ns ns 1 1 1 1
SNOOZE MODE WAVEFORM
CLK
ZZ
ISUPPLY
IISB2Z
ALL INPUTS (except ZZ)
DESELECT or READ Only
Outputs (Q)
High-Z
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
54321 54321 54321 54321 54321 098765432109876543213 54 4 09876543210987654322121 52121 13 09876543210987654321121 9876543210987654322121 513 4 09876543210987654321121 523 4 0 523 4
1
5422 31 6541 2 4 542119876543210987654321321 310 20 3223 6541 2 542119876543210987654651321 3119876543210987654321121 20 5 310 320 2 3241 6523 2 1 542119876543210987654321121 1 2142119876543210987654654321
1
tRZZI Don't Care
tZZI
21
1
1
tZZ
5409876543210987654321 211 32 5429876543210987654321 211 02 32 5421876543210987654321 01 391 5409876543210987654321 321
1 1
tRZZ
SRAM
Austin Semiconductor, Inc. READ/WRITE TIMING
tKHKH
AS5SS128K36
1 CLK
2
tKHKL tKLKH
3
4
5
6
7
8
9
10
CLE\ CE\ ADV/LD\
R/W\ BWx\
ADDRESS
A1
A2
A3
A4
A5
A6
A7
tAVKH tKHAX
tKHQV
DQ
D(A1)
D(A2)
D(A2+1)
Q(A3)
Q(A4)
Q(A4+1)
D(A5)
Q(A6)
tDVKH t
KHDX
tGHQZ
tGLQX
tKHQX
OE\ COMMAND
WRITE D(A1) WRITE D(A2) BURST WRITE D(A2+1) READ Q(A3) READ Q(A4) BURST READ Q(A4 +1) WRITE D(A5) READ Q(A6) WRITE D(A7)
DESELECT
Don't Care
Undefined
READ/WRITE TIMING PARAMETERS
-11 SYMBOL tKHKH tKF tKHKL tKLKH tKHQV tKHQX tKHQX1 tKHQZ tGLQV tGLQX 0 3.0 3.0 5.0 5.0 0 3.0 3.0 8.5 3.0 3.0 5.0 5.0 MIN 11 90 3.0 3.0 9.0 MAX MIN 12 83 -12 MAX
SYMBOL tGHQZ tAVKH tEVKH tCVKH tDVKH tKHAX tKHEX tKHCX tGLDX 2.2 2.2 2.2 2.2 0.5 0.5 0.5 0.5 MIN -11 MAX 5.0 2.5 2.5 2.5 2.5 0.5 0.5 0.5 0.5 MIN -12 MAX 5.0
NOTE: 1. For this waveform, ZZ is tied LOW. 2. Burst sequence order is determined by MODE (0=linear, 1=interleaved). BURST operations are optional. 3. CE\ represents three signals. When CE\ = 0, it represents CE\ = 0, CE2\ = 0, CE2 = 1. 4. Data coherency is provided for all possible operations. If a READ is initiated, the most current data is used. The most recent data may be from the input data register.
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
32121 3 32121 3 32121 3 32121 3
4321 321 4321 4321 4
21 21 21 21
321 321 321 321
321 321 321
21 21 21 21
21 21 21 21
321 321 321 321
tKHQX1
tKHQX
tGLQV
tKHQZ
D(A7)
31 2 76543211 76543211 31 2 76543211 32 987654321 987654321 987654321 0987654321 0987654321 4321 0987654321 4321 4321 4321 4321 4321 4321
tCVKH tKHCX
4321 4321 4321
321 321 321 321 321 321 21 2876543221 1 8 2 11 2176543221 1 2176543211 8 2 4321 4321 4321 321 4321 4321 4321 4321 4321 321 4321 321 4321 4321 4321 321 4321 4321 4321 4321 4321 4321 4321 321 4321 321 4321 321
321 1 321 2 321 321 21 311 2 7 221 1 76 22 1 321654332 1 7 321 32154331 21 76 22 3216543211 76543211 321 321 321543211 76543311 21 21098765432109876543221 1 11 4321 21098765432109876543221 1 4321 21098765432104321543221 9876 1 4321 0987654321 4321 0987654321 0987 4321 4321 4321 0987654321 4321 0987654321 4321654321 4321 0987654321 4321 43 21 4321 4 21 4321 4321 4321 4321 4321 821 4321 4321 4321 9321 4321 1 21 2176543211 1 2 1 1 21 9876543221 28 2176543211 2 21 4321 1 1876543221 1 2176543211 8 2 4321 9 1876543221 1 4321 4321 321 4321 4321 321 4321 4321 321 4321 321 321 321 321 321 321
321 321 321
4321 4321 4321
4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321
tEVKH tKHEX
4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321
4321 4321 4321 4321
321 321 321
COMMAND
WRITE D(A1) READ Q(A2) STALL READ Q(A3) WRITE D(A4) STALL NOP
21 21 21 21
321 321 321 321
21 21 21 21
432109876543321 21 32132109876543211 4 32 432109876543221 31 1 32432109876543211 1 32 1 4 21 343210987654332176532112109876543211 210987654321218 4213 0987654332 09 32 32109876543210987654321 0987654321 32109876543210987654321 0987654321 6543210987654321 4321 2187654321 9 6543210987654321 432 21 9 1 6543210987654321 4321 2187654321 2187654321 9 1 4321 3211 2187654321 4321 9 4321 4321 321 21 9 1 4321 4321 321 2187654321 2187654321 9 21 4321 321 987654321 21 1 8 4321 321 21 987654321 2876543211 2176543211 4321 321 2 4321 321 876543211 2 4321 321 4321 4321 4321 4321 4321 321 4321 4321 4321 321 4321 321 321 321 321 321
A5
NOP, STALL AND DESELECT TIMING PARAMETERS
321 321 321 321
321 321 321 321
4321 4321 4321 4321
321 321 321
A1
321 3 321 2121 21 2 1 211098765432109876543221 2 1 211098765432109876543221 211098765432109876543221 2 1 4321 21 21 4321 8 1 4321 217654322 8 1 4321 4321 2876543221 2176543221 1 11 4321 4321 4321 28 8 1 2 1 4321 2176543221 1 4321 4321 2876543221 2176543221 1 11 4321 4321 4321 2176543221 8 1 4321 4321 2176543221 4321 28 1 2 1 4321 4321 2876543221 1 11 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321
A2 A3
4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321 4321
AS5SS128K36 Rev. 2.0 12/00
2. 3. 4.
1.
NOTE:
tKHQX
tKHQZ
SYMBOL
The IGNORE CLOCK EDGE or STALL cycle (clock 3) illustrates CKE\ being used to create a "pause". A WRITE is not performed during this cycle. For this waveform, ZZ and OE\ are tied LOW. CE\ represents three signals. When CE\ = 0, it represents CE\ = 0, CE2\ = 0, CE2 = 1. Data coherency is provided for all possible operations. If a READ is initiated, the most current data is used. The most recent data may be from the input data register.
ADDRESS
ADV/LD\
BWx\
R/W\
CKE\
CLK
MIN
3.0
CE\
DQ
Austin Semiconductor, Inc.
-11
1
NOP, STALL AND DESELECT CYCLES
MAX
5.0
D(A1)
2
MIN
3.0
3
Q(A2)
-12
4
MAX
5.0
A4
Q(A3)
14 5 6
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
D(A4)
7
Don't Care
READ Q(A5)
8
DESELECT CONTINUE DESELECT
Q(A5)
AS5SS128K36
9
Undefined
tKHQZ tKHQX
10
SRAM
SRAM
Austin Semiconductor, Inc.
AS5SS128K36
ASI Case # 1001 (Package Designator DQ)
16.00 +0.20/-0.05 14.00 + 0.10
22.10 +0.10/-0.15
20.10 + 0.10
See Detail A
1.40 + 0.05 1.50 + 0.10 0.15 +0.03/-0.02 1.00 TYP 0.65 Basic 0.32+0.06/-0.10 0.60 + 0.15 0.10+0.10/-0.05
Detail A
NOTE: All dimensions in Millimeters.
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
15
SRAM
Austin Semiconductor, Inc.
AS5SS128K36
ORDERING INFORMATION
EXAMPLE: AS5SS128K36DQ-11/IT Device Number AS5SS128K36 AS5SS128K36 Package Speed ns Process Type DQ -11 /* DQ -12 /*
*AVAILABLE PROCESSES IT = Industrial Temperature Range XT = Extended Temperature Range
-40oC to +85oC -55oC to +125oC
AS5SS128K36 Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
16


▲Up To Search▲   

 
Price & Availability of AS5SS128K36DQ-12XT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X